|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SA489 DESCRIPTION *With TO-220 package *Low collector saturation voltage *Short switching time APPLICATIONS *Various inductance lamp drivers for electrical equipment *Inverters;converters *Power amplification *Switching regulator ,driver PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol Absolute maximum ratings(Ta=25 ) SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -70 -60 -5 -4 30 150 -55~150 UNIT V V V A W SavantIC Semiconductor Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-30mA ,IB=0 IC=-1mA; IE=0 IE=-1mA; IC=0 IC=-3A; IB=-0.3A IC=-3A; IB=-0.3A VCB=-70V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-5V IC=-0.5A ; VCE=-5V 40 3 MIN -60 -70 -5 2SA489 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT TYP. MAX UNIT V V V -1.0 -1.5 -10 -10 240 V V A A MHz hFE Classifications R 40-80 O 70-140 Y 120-240 2 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2SA489 Fig.2 Outline dimensions(unindicated tolerance:0.10 mm) 3 |
Price & Availability of 2SA489 |